Part Number Hot Search : 
BAV19 SMZ47 BCW65A BV55C 50013 2405DH IRFEA240 SREC7PJ
Product Description
Full Text Search
 

To Download TMA2405D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TMA Series, 1 Watt
compliant
RoHS
Features Single-in-Line (SIL) Package Single and Dual Output Models I/O-Isolation 1`000 VDC High Efficiency up to 81% Operating Temperature -40C to +85C Industry Standard Pinout 100% Burn-in (8 h) Lead free Design, RoHS compliant 3 Year Product Warranty
The TMA series are miniature, isolated 1 W DC/DC-converters in a Single-in-Line package (SIP). Requiring only 1.2 cm2 board space they offer the ideal solution in many space critical applications for board level power distribution. The use of SMDtechnology makes it possible to offer a product with high performance at low cost.
Models
Ordercode TMA 0505S TMA 0512S TMA 0515S TMA 0505D TMA 0512D TMA 0515D TMA 1205S TMA 1212S TMA 1215S TMA 1205D TMA 1212D TMA 1215D TMA 1505S TMA 1512S TMA 1515S TMA 1505D TMA 1512D TMA 1515D TMA 2405S TMA 2412S TMA 2415S TMA 2405D TMA 2412D TMA 2415D http://www.tracopower.com 24 VDC 10% 15 VDC 10% 12 VDC 10% 5 VDC 10% Input voltage Output voltage 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 200 mA 80 mA 65 mA 100 mA 40 mA 35 mA 200 mA 80 mA 65 mA 100 mA 40 mA 35 mA 200 mA 80 mA 65 mA 100 mA 40 mA 35 mA 200 mA 80 mA 65 mA 100 mA 40 mA 35 mA Efficiency typ. 71 % 78 % 78 % 72 % 78 % 79 % 73 % 80 % 80 % 74 % 81 % 81 % 73 % 80 % 80 % 74 % 81 % 81 % 71 % 78 % 79 % 72 % 79 % 80 % Page 1 of 3
DC/DC Converters
TMA Series Input Specifications
Input current no load /full load 5 12 15 24 5 12 15 24 Vin Vin Vin Vin Vin Vin Vin Vin models: 30 mA / 260 mA typ. models: 12 mA / 110 mA typ. models: 12 mA / 100 mA typ. models: 7 mA / 55 mA typ. models: 9 V max. models: 18 V max. models: 21 V max. models: 30 V max. 0.3 A max. can be reduced by ext. 1-3.3 F polyester film capacitor internal capacitors 3% 1 % max. 1.2 % / 1 % change Vin 10 % max. 75 mV pk-pk max. 0.02 % / K limited 1 sec. max. - Single output models - Dual output models - Operating - Case temperature - Storage 220 F max. 100 F max. -40 C ... +85 C +95 C max. -40 C ... +105 C 95 % rel H max. >2'000'000 h @ 25 C 1`000 VDC 60 pF typ. >1`000 Mohm 100 kHz typ. (frequency modulation) 30 % max. - Input variation - Load variation 20 - 100 %
1 Watt
Surge voltage (1 sec. max.)
Reverse voltage protection Reflected input ripple current Input filter
Output Specifications
Voltage set accuracy Voltage balance (dual output models) Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Capacitive load
General Specifications
Temperature ranges
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217E) Isolation voltage (input/output) Isolation capacity (input/output) Isolation resistance (input/output) Switching frequency Frequency change over line and load
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TMA Series Physical Specifications
Case material Package weight Soldering temperature non conductive black plastic (UL 94V-0 rated) Single output models: 2.1 g (0.07 oz) Dual output models: 2.6 g (0.09 oz) max. 265C / 10 sec
1 Watt
Outline Dimensions mm (inches)
Pin-Out
(0.4)
Pin 1 2 4 5 6
Single +Vin (Vcc) -Vin (GND) -Vout No pin +Vout
Dual +Vin (Vcc) -Vin (GND) -Vout Common +Vout
0.5 (0.02) 0.5
(0.02)
0.4
0.02)
2.3
2.54
(0.1)
5.08
(0.2)
2.54 2.54
(0.1) (0.1)
0.5 (0.02)
(0.09
19.5 (0.77)
3.2 (0.13)
10.2
1
2
4
5 0.5 (0.02)
6
1.25
Tolerances 0.25 (0.01) pins 0.05 (0.002)
Specifications can be changed without notice
Rev. 10/05.1
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
(0.05)
6.1 (0.24)
Bottom view
7.1 (0.28) 15/24 Vin Models
0.25 (0.01)
4.75 (0.19)
5.75 (0.23)
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TMA2405D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X